Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download IRF7321D2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91667C
IRF7321D2
FETKY MOSFET & Schottky Diode
l l l l l l
TM
Co-packaged HEXFET(R) Power MOSFET and Schottky Diode Ideal For Buck Regulator Applications P-Channel HEXFET(R) Low VF Schottky Rectifier Generation 5 Technology SO-8 Footprint
A A S G
1
8
K K D D
VDSS = -30V RDS(on) = 0.062 Schottky Vf = 0.52V
2
7
3
6
4
5
T op V ie w
Description
The FETKYTM family of Co-packaged HEXFETs and Schottky diodes offer the designer an innovative board space saving solution for switching regulator and power management applications. Generation 5 HEXFETs utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. Combinining this technology with International Rectifier's low forward drop Schottky rectifiers results in an extremely efficient device suitable for use in a wide variety of portable electronics applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics. The SO-8 package is designed for vapor phase, infrared or wave soldering techniques.
S O -8
Absolute Maximum Ratings ( TA = 25C Unless Otherwise Noted)
Parameter
ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS dv/dt TJ, TSTG Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Maximum
-4.7 -3.8 -38 2.0 1.3 16 20 -5.0 -55 to +150
Units
A
W mW/C V V/ns C
Thermal Resistance Ratings
Parameter
RJA Junction-to-Ambient
Maximum
62.5
Units
C/W
Notes: Repetitive rating - pulse width limited by max. junction temperature (see fig. 11) ISD -2.9A, di/dt -77A/s, VDD V(BR)DSS, TJ 150C Pulse width 300s - duty cycle 2% Surface mounted on FR-4 board, t 10sec.
www.irf.com
3/17/99
IRF7321D2
MOSFET Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-to-Source Breakdown Voltage Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -30 --- --- -1.0 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.042 0.076 --- 7.7 --- --- --- --- 23 3.8 5.9 13 13 34 32 710 380 180 Typ. --- --- -0.78 44 42 Max. Units Conditions --- V VGS = 0V, ID = -250A 0.062 VGS = -10V, ID = -4.9A 0.098 VGS = -4.5V, ID = -3.6A --- V VDS = VGS, I D = -250A --- S VDS = -15V, I D = -4.9A -1.0 VDS = -24V, VGS = 0V A -25 VDS = -24V, VGS = 0V, TJ = 55C 100 VGS = -20V nA -100 VGS = 20V 34 ID = -4.9A 5.7 nC VDS = -15V 8.9 VGS = -10V, See Fig. 6 19 VDD = -15V 20 ID = -1.0A ns 51 RG = 6.0 48 RD = 15, --- VGS = 0V --- pF VDS = -25V --- = 1.0MHz, See Fig. 5 Max. Units Conditions -2.5 A -30 -1.0 V TJ = 25C, IS = -1.7A, VGS = 0V 66 ns TJ = 25C, I F = -1.7A 63 nC di/dt = 100A/s Conditions 50% Duty Cycle. Rectangular Wave, Tc = 25C See Fig.14 Tc = 70C 5s sine or 3s Rect. pulse Following any rated 10ms sine or 6ms Rect. pulse load condition & with Vrrm applied
MOSFET Source-Drain Ratings and Characteristics
IS
I SM
VSD t rr Q rr
Parameter Min. Continuous Source Current(Body Diode) --- Pulsed Source Current (Body Diode) --- Body Diode Forward Voltage --- Reverse Recovery Time (Body Diode) --- Reverse Recovery Charge --- Parameter Max. Average Forward Current Max. peak one cycle Non-repetitive Surge current
Schottky Diode Maximum Ratings
If (av)
I SM
Max. Units 3.2 A 2.0 200 20 A
Schottky Diode Electrical Specifications
Vfm Parameter Max. Forward voltage drop Max. Units 0.57 0.77 V 0.52 0.79 0.30 mA 37 310 pF 4900 V/s Conditions If = 3.0, Tj = 25C If = 6.0, Tj = 25C If = 3.0, Tj = 125C If = 6.0, Tj = 125C . Vr = 30V Tj = 25C Tj = 125C Vr = 5Vdc ( 100kHz to 1 MHz) 25C Rated Vr
Irm Ct dv/dt
Max. Reverse Leakage current Max. Junction Capacitance Max. Voltage Rate of Charge
( HEXFET is the reg. TM for International Rectifier Power MOSFET's )
2
www.irf.com
IRF7321D2
Power Mosfet Characteristics
100
TOP VGS - 15V - 10V - 7.0V - 5.5V - 4.5V - 4.0V - 3.5V BOTTOM - 3.0V
100
TOP
-I D , Drain-to-Source Current (A)
10
-I D , Drain-to-Source Current (A)
VGS - 15V - 10V - 7.0V - 5.5V - 4.5V - 4.0V - 3.5V BOTTOM - 3.0V
10
-3.0V
-3.0V
1 0.1 1
20s PULSE WIDTH TJ = 25C A
10
1 0.1 1
20s PULSE WIDTH TJ = 150C A
10
-V D S , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
-4.9A ID =-4.9A
RDS(on) , Drain-to-Source On Resistance (Normalized)
-I D , Drain-to-Source Current (A)
1.5
T J = 25C TJ = 150C
10
1.0
0.5
1 3.0 3.5 4.0 4.5
V D S = -10V 20s PULSE WIDTH
5.0 5.5 6.0
A
0.0 -60 -40 -20
-10V VGS =-10V
0 20 40 60 80 100 120 140 160
-V G S , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7321D2
Power Mosfet Characteristics
1400
VGS = 0V f = 1 MHz Ciss = Cgs + Cgd + Cds Crss = Cgd Coss = Cds + Cgd
20
SHORTED
ID = -4.9A VDS =-15V
-VGS , Gate-to-Source Voltage (V)
A
1200
16
C, Capacitance (pF)
1000
C iss C oss
800
12
600
8
400
C rss
4
200
0 1 10 100
0 0 10 20 30 40
- V D S , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 150C
10
-I D , Drain Current (A) I
100us 10
TJ = 25C
1ms
1 0.4 0.6 0.8 1.0
V G S = 0V
1.2
A
1.4
1 1
TC = 25 C TJ = 150 C Single Pulse
10
10ms 100
-VSD , Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7321D2
Power Mosfet Characteristics
100
Thermal Response (Z thJA )
0.50 0.20 10 0.10 0.05 0.02 1 0.01 PDM t1 t2 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01 0.1 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 1 10 100
t1 , Rectangular Pulse Duration (sec)
Fig 9. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
RDS (on) , Drain-to-Source On Resistance ()
0.5
RDS (on) , Drain-to-Source On Resistance ()
0.6
0.16
0.12
0.4
0.3
0.08
I D = -4.9A
0.2
V G S = -4.5V
0.04
0.1
V G S = -10V
0.0 0 10 20 30
A
0.00 0 3 6 9 12 15
A
-I D , Drain Current (A)
-V GS , Gate -to-Source Voltage (V)
Fig 10. Typical On-Resistance Vs. Drain Current
Fig 11. Typical On-Resistance Vs. Gate Voltage
www.irf.com
5
IRF7321D2
Schottky Diode Characteristics
100
100
TJ = 150C
10
125C 100C
Reverse Current - IR (mA)
1
75C
0.1
50C
In stan ta ne o u s Forw ard C u rre n t - I F (A )
10
0.01
25C
T J = 1 50 C T J = 1 25 C T J = 2 5 C
0.001 0 10 20 30
)
Reverse Voltage - V R (V)
Fig. 13 - Typical Values of Reverse Current Vs. Reverse Voltage
1
A llow ab le A m bient Tem pe ra ture - (C )
160 140 120 100 80 60 40 20 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 D D D D D = 3/4 = 1/2 =1 /3 = 1/4 = 1/5 V r = 8 0 % R ated R t hJA = 6 2.5 C /W Sq uare wave
DC
0.1 0.0 0.2 0.4 0.6 0.8 1.0
Fo rw ard V o lta g e D ro p - V FM (V ) Forward Voltage Drop - VF (V)
Fig. 12 - Typical Forward Voltage Drop Characteristics
A
Av era ge F orw ard C urrent - I F(AV ) (A )
Fig.14 - Maximum Allowable Ambient Temp. Vs. Forward Current
6
www.irf.com
IRF7321D2
SO-8 Package Details
D -B -
D IM
5
IN C H E S M IN .0532 .0040 .014 .0 075 .1 89 .150 MAX .0688 .0098 .018 .0 098 .1 96 .157
M IL LIM E T E R S M IN 1 .35 0 .10 0 .36 0 .19 4 .80 3 .81 M AX 1 .75 0 .25 0 .46 0.25 4.98 3 .99
A A1 B
5
8 E -A -
7
6
5 H 0.2 5 (.0 10 ) M AM
1
2
3
4
C D E e e1 H K
e 6X
e1 A
K x 45
.050 B A S IC .025 B A S IC .2 284 .011 0 .16 0 .2 440 .019 .050 8
1.2 7 B A S IC 0.6 35 B A S IC 5 .80 0 .28 0 .41 0 6.20 0 .48 1.27 8
-CB 8X 0 .25 (.01 0) A1 M CASBS
0 .10 (.00 4)
L 8X
6
C 8X
L
R E CO M M E ND E D F O O TP R IN T 0 .72 (.02 8 ) 8X
N O TE S : 1 . D IM EN SIO N IN G AN D TO L ER A NC IN G P ER AN S I Y1 4.5 M -198 2. 2 . C O N TRO L LIN G D IM EN SIO N : IN C H . 3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S). 4 . O U TLIN E CO N F O RM S TO JED E C O U TLINE M S -0 12 AA . 5 D IM E NS IO N D O ES N O T IN C LU D E M O LD PR O TR US IO N S M O LD P R O TR U SIO NS N O T TO EXCE ED 0 .2 5 (.00 6). 6 D IM E NS IO N S IS TH E LE N G TH O F L EA D FO R SO L DE R IN G TO A SU B STRA TE..
6 .46 ( .25 5 )
1 .78 (.07 0) 8X
1.27 ( .0 50 ) 3X
Part Marking
www.irf.com
7
IRF7321D2
Tape and Reel
T E R M IN A L N U M B E R 1
12 .3 ( .484 ) 11 .7 ( .461 )
8.1 ( .31 8 ) 7.9 ( .31 2 )
F E E D D IR E C T IO N
N OTE S : 1 . C ON TR O LL IN G D IM E N S ION : M IL LIM E TE R. 2 . A L L D IM E N S ION S A RE S H O W N IN M IL L IM E TE R S (INC H E S ). 3 . O U TL IN E C O N FO R M S TO E IA -4 81 & E IA -54 1 .
33 0.00 (12 .992 ) M AX .
14.4 0 ( .5 66 ) 12.4 0 ( .4 88 ) NOTES : 1. C O N T R O LLIN G D IM E N S IO N : M ILL IM E T E R . 2. O U T LIN E C O N F O R M S T O E IA -481 & E IA -541.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 221 8371 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice . 3/99
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7321D2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X